industrial motherboards features ? supports intel ? lga775 core?2 duo/pentium ? dual-core/pentium ? 4/ celeron ? processors with fsb 533/800/1066 mhz ? intel 945gc and ich7 ? two sodimm sockets support up to 2 gb ddr2 533/667 mhz sdram ? supports onboard crt and pcie x16 expansion for additional graphics card ? supports susiaccess and embedded software apis aimb-262 intel ? lga775 core?2 duo lga775 mini-itx with crt, 4 com, and lan specifcations processor system cpu intel core 2 duo intel pentium dual-core intel pentium 4 intel celeron max. speed e7400/e6700, 2.8/2.66 ghz e2200 2.2ghz 651 3.4 ghz 440 2.0 ghz front side bus 1066 mhz 1066/800 mhz 800 mhz 800 mhz l2 cache 3 mb/2 mb 1 mb 2 mb 512 k chipset intel 945gc + ich7 bios award 16 mbit, spi expansion slot pci - mini-pci - pcie x16 4 gb/s per direction, 1 slot memory technology dual channel ddr2 533/ 667 mhz sdram max. capacity 2 gb socket 2 x 200-pin sodimm (non-ecc) graphics controller intel integrated graphics media accelerator 950 vram shared system memory up to 224 mb ethernet interface 10/100/1000 mbps controller gbe lan1: realtek rtl8111c connector rj-45 x 1 sata max data transfer rate 300 mb/s channel 2 rear i/o crt 1 ethernet 1 usb 4 (usb 2.0 compliant) audio 3 (mic-in, line-out, line-in) serial 2 (1 x rs-232, 1 x rs-232/422/485) parallel - ps/2 2 (1 x keyboard and 1 x mouse) internal connector usb 2 (usb 2.0 compliant) serial 2 (rs-232) ide - sata 2 compactflash - parallel 1 irda - gpio - watchdog timer output system reset interval programmable 1 ~ 255 sec/min power requirements power on intel core? 2 duo e4300 1.8ghz, 2 gb ddr2 sdram 5 v 3.3 v 12 v 5 vsb -12 v 4 a 1.02 a 2.35 a 0.26 a 0.12 a environment operating non-operating temperature 0 ~ 60 c (32 ~ 140 f), depends on cpu speed and cooler solution -20 ~ 70 c (-4 ~ 158 f) physical characteristics dimensions 170 mm x 170 mm (6.69" x 6.69") utilities: software apis: watchdog h/w monitor bios fash monitoring all product specifications are subject to change without notice last updated : 13-jun-2012
www.advantech.com/products online download block diagram aimb-262 ordering information part number crt gbe lan com aimgae es packing list description quantity sata dd cable sata power cable serial cable i/o port bracet startup manual drier cd i/o view optional accessories part number description parallel port cable with bracet dual port us cable cm with bracet t lga cpu cooler for u and wallmount chassis aimldsae add lds epansion card aimgaae add ga epansion card embedded os/api os/api part no. description in pe pe p aim . eng pe p aim . ct aimb-262vg-00a1e ich7 533/800/1066 mhz fsb fintek f81216d 2 rs-232 1 rs-232, 1 rs-232/422/485, ps/2, wdt lpc super i/o winbond w83627dhg intel 945gc gmch intel lga775 core 2 duo/ pentium 4 processor ddr2 533/ 667 ddr2 533/ 667 channel a channel b direct media interface 2 gb/s bandwidth crt crt pcie x16 pcie x16 bios 2 sata ports 6 usb ports realtek audio cocec alc888 300 mb/s spi usb 2.0/1.1 ac-97 link gbe lan1: rtl 8111c pcie x1
|